Part Number Hot Search : 
FN2319 BA6287F1 P4SMA36A CBC3225T BFX48 HCT05 KAV99 X25057
Product Description
Full Text Search
 

To Download AM3N-0503D-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM3N-D Series
Picture Available Soon
3 watt dc-dc converters
* * * * *
DUAL REGULATED OUTPUTS 24 PIN DIP PACKAGE LOW RIPPLE & NOISE HIGH EFFICIENCY UP TO 80% LOW PROFILE PACKAGING
* * * * *
INPUT/OUTPUT ISOLATION: 1000, 3000 & 5200VDC 5200VDC ISOLATION, PLASTIC CASE OPERATING TEMPERATURE: -25C ... +71C CONTINUOUS SHORT CIRCUIT PROTECTION PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM3N-D series is a family of cost effective 3W dual output DC/DC converters. These converters combines miniature package in a 24-pin DIP compatible case with high performance features such as 1000, 3000 & 5200VDC input/output isolation voltage, continuous short circuit protection with automatic restart and tight line/load regulation. Seventy two models operate from input voltages of 5, 12 & 24VDC with producing output voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18 & 24VDC. Full SMD-design and a 100% production test of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25C, nominal input voltage, rated output current unless otherwise specified Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage Resistance Capacitance General Specifications: Efficiency Switching Frequency Physical Specifications: Dimensions Weight Case material Case material @ 5200VDC 10% p (Pi) Network 1000, 3000 or 5200VDC > 1000MOhm 60pF, typ. 66% to 80% 250kHz, typ. 100% load 31.75x20.32x10.16 mm 1.25x0.8x0.4 inches 14.5 g Nickel-Coated Copper Plastic Output Specifications: Voltage accuracy Voltage balance Ripple & noise (at 20MHz BW) Short circuit protection Short circuit restart Line voltage regulation Load voltage regulation Temperature Coefficient 2%, max. 1% 75mVp-p, max. Continuous Automatic 0.5%, max. 0.5%, max. 0.02%/C, typ.
Environmental Specifications: Operating temperature (ambient) -25C ... +71C Storage temperature -40C ... +125C Case Temperature +90C, max. Derating None required Humidity (non-condensing) Up to 90% Cooling Free-air Convection
MTBF: > 1,000,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
Pin 1000VDC 3000 & 5200VDC
OUTLINE DIMENSIONS & PIN CONNECTIONS
1 2 3 10 11 12 13 14 15 22 23 24
+V Input -V Output Common. Common +V Output -V Input -V Input +V Output Common Common -V Output +V Input
+V Input +V Input Omitted Common Common Omitted -V Output Omitted +V Output Omitted -V Input -V Input
TO ORDER CALL 1-888-9-AIMTEC
AM3N-D Series
MODELS
Models Isolation 1000VDC Isolation 3000VDC Isolation 5200VDC
AM3N-0503D-R AM3N-0505D-R AM3N-0507D-R AM3N-0509D-R AM3N-0512D-R AM3N-0515D-R AM3N-0518D-R AM3N-0524D-R AM3N-1203D-R AM3N-1205D-R AM3N-1207D-R AM3N-1209D-R AM3N-1212D-R AM3N-1215D-R AM3N-1218D-R AM3N-1224D-R AM3N-2403D-R AM3N-2405D-R AM3N-2407D-R AM3N-2409D-R AM3N-2412D-R AM3N-2415D-R AM3N-2418D-R AM3N-2424D-R AM3N-0503DH30-R AM3N-0505DH30-R AM3N-0507DH30-R AM3N-0509DH30-R AM3N-0512DH30-R AM3N-0515DH30-R AM3N-0518DH30-R AM3N-0524DH30-R AM3N-1203DH30-R AM3N-1205DH30-R AM3N-1207DH30-R AM3N-1209DH30-R AM3N-1212DH30-R AM3N-1215DH30-R AM3N-1218DH30-R AM3N-1224DH30-R AM3N-2403DH30-R AM3N-2405DH30-R AM3N-2407DH30-R AM3N-2409DH30-R AM3N-2412DH30-R AM3N-2415DH30-R AM3N-2418DH30-R AM3N-2424DH30-R AM3N-0503DH52-R AM3N-0505DH52-R AM3N-0507DH52-R AM3N-0509DH52-R AM3N-0512DH52-R AM3N-0515DH52-R AM3N-0518DH52-R AM3N-0524DH52-R AM3N-1203DH52-R AM3N-1205DH52-R AM3N-1207DH52-R AM3N-1209DH52-R AM3N-1212DH52-R AM3N-1215DH52-R AM3N-1218DH52-R AM3N-1224DH52-R AM3N-2403DH52-R AM3N-2405DH52-R AM3N-2407DH52-R AM3N-2409DH52-R AM3N-2412DH52-R AM3N-2415DH52-R AM3N-2418DH52-R AM3N-2424DH52-R
Input Voltage
Ouput Voltage
3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC 3.3VDC 5VDC 7.2VDC 9VDC 12VDC 15VDC 18VDC 24VDC
Ouput Current max.
400mA 300mA 208mA 167mA 125mA 100mA 84mA 63mA 400mA 300mA 208mA 167mA 125mA 100mA 84mA 63mA 400mA 300mA 208mA 167mA 125mA 100mA 84mA 63mA
5V10%
12V10%
24V10%
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS


▲Up To Search▲   

 
Price & Availability of AM3N-0503D-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X